PART |
Description |
Maker |
BT137S-500E BT137S-600E BT137MSERIESE BT137M-600E |
Triacs sensitive gate Transient Voltage Suppressor Diodes Octal Buffers and Line Drivers with 3-State Outputs 20-CDIP -55 to 125 Octal Buffers and Line Drivers with 3-State Outputs 20-CFP -55 to 125 Octal Buffers/Drivers with 3-State Outputs 20-CDIP -55 to 125 DIODE ZENER TRIPLE ISOLATED 200mW 16.2Vz 5mA-Izt 0.0556 0.1uA-Ir 11.2 SOT-363 3K/REEL
|
PHILIPS[Philips Semiconductors] NXP
|
HD74LS244 HD74LS244P 74LS244 |
Octal Buffers/Line Drivers/Line Receivers with non-inverted 3-state outputs IC,BUFFER/DRIVER,DUAL,4-BIT,LS-TTL,DIP,20PIN,PLASTIC Octal Buffers/Line Drivers/Line Receivers(non inverted three-state outputs)
|
HITACHI[Hitachi Semiconductor] Renesas Technology
|
HD74HC241 |
Octal Buffers And Line Drivers With 3-State Outputs 20-CFP -55 to 125 Octal Buffers/Line Drivers/Line Receivers(with noninverted 3-state outputs) Octal Buffers/Line Drivers/Line Receivers (with noninverted 3-state outputs)
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
AMS317ACM-18 AMS317CM-18 AMS317-B18 AMS317A-B18 AM |
1A LOW DROPOUT VOLTAGE REGULATOR Octal D-Type Flip-Flops with 3-State Outputs 20-SOIC -55 to 125 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 125 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO, Octal Inverting Buffers/Line Drivers with 3-State Outputs 20-SOIC -55 to 125 Octal Non-Inverting Buffers/Line Drivers with 3-State Outputs 20-SSOP -55 to 125 Octal Non-Inverting D-Type Flip-Flops with 3-State Outputs 20-PDIP -55 to 125 Octal Non-Inverting Buffers/Line Drivers with 3-State Outputs 20-SOIC -55 to 125 1A低压差稳压器 1A LOW DROPOUT VOLTAGE REGULATOR 1A低压差稳压器
|
Advanced Monolithic Sys... ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
SI91872DMP-50-T1 SI91872 SI91872DMP-12-E3 SI91872D |
300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option 300 - mA的低噪音LDO调节器错误国旗和放电期权 BiCMOS FCT Interface Logic Octal Non-Inverting Buffers/Line Drivers with 3-State Outputs 20-SOIC 0 to 70 BiCMOS FCT Interface Logic Octal Non-Inverting Buffers/Line Drivers with 3-State Outputs 20-PDIP 0 to 70
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix] http://
|
74LCX373 74LCX373TTR 74LCX373M 74LCX373MTR |
D-TYPE LATCH NON INVERTING WITH 5V TOLERANT INPUT AND OUTPUT OCTAL D-TYPE LATCH NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS Octal Buffers And Line Drivers With 3-State Outputs 20-SO -40 to 85 Octal Buffers And Line Drivers With 3-State Outputs 20-TSSOP -40 to 85
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 锁存
|
HD74HCT240 HD74HCT240FPEL HD74HCT240P HD74HCT240RP |
Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
|
Renesas Electronics Corporation
|
HD74LS241 HD74LS241FPEL HD74LS241P |
Octal Buffers / Line Drivers / Line Receivers (non inverted three-state outputs)
|
Renesas Electronics Corporation
|
HD74LVC244A HD74LVC244 |
Octal Buffers / Line Drivers with 3-state Outputs
|
HITACHI[Hitachi Semiconductor]
|
HD74BC240A HD74BC240AFPEL HD74BC240AP HD74BC240ATE |
Octal Buffers/Line Drivers With 3 State Outputs
|
Renesas Electronics Corporation
|
HD74BC240A |
Octal Buffers/Line Drivers with 3-state outputs
|
Hitachi Semiconductor
|